Part Number Hot Search : 
SC536 SMCJ24CA 2SK3207 2SC3264 08500 E001281 5KE10CA SML60S16
Product Description
Full Text Search
 

To Download IRFP254NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95041
IRFP254NPBF
HEXFET(R) Power MOSFET
l l l l l l l l
Advanced Process Technology Dynamic dv/dt Rating 175C Operating Temperature Fast Switching Fully Avalanche Rated Ease of Paralleling Simple Drive Requirements Lead-Free
D
VDSS = 250V RDS(on) = 125m
G S
ID = 23A
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole.
TO-247AC
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 srew
Max.
23 16 92 220 1.5 20 300 14 22 7.4 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Typ.
--- 0.24 ---
Max.
0.68 --- 40
Units
C/W
www.irf.com
1
2/24/04
IRFP254NPBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 125 m VGS = 10V, ID = 14A 4.0 V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 14A 25 VDS = 250V, VGS = 0V A 250 VDS = 200V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 100 ID = 14A 17 nC VDS = 200V 44 VGS = 10V, See Fig. 6 and 13 --- VDD = 125V --- ID = 14A ns --- RG = 3.6 --- VGS = 10V, See Fig. 10 D Between lead, 5.0 --- --- 6mm (0.25in.) nH G from package --- 13 --- and center of die contact S --- 2040 --- VGS = 0V --- 260 --- VDS = 25V --- 62 --- pF = 1.0MHz, See Fig. 5
Min. 250 --- --- 2.0 15 --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.33 --- --- --- --- --- --- --- --- --- --- 14 34 37 29
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol 23 --- --- showing the A G integral reverse --- --- 92 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 14A, VGS = 0V --- 210 310 ns TJ = 25C, IF = 14A --- 1.7 2.6 C di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
Repetitive rating; pulse width limited by Starting TJ = 25C, L = 3.1mH
RG = 25, IAS = 14A,VGS=10V
ISD 14A, di/dt 460A/s, VDD V(BR)DSS,
TJ 175C
max. junction temperature. (See fig. 11)
Pulse width 400s; duty cycle 2%.
2
www.irf.com
IRFP254NPBF
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
I D , Drain-to-Source Current (A)
10
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
10
1
4.5V
4.5V
0.1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
20s PULSE WIDTH TJ = 175 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
4.0
TJ = 175 C
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 23A
I D , Drain-to-Source Current (A)
3.0
10
2.0
TJ = 25 C
1.0
1 4.0
V DS = 50V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0
0.0 -60 -40 -20 0
VGS = 10V
20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFP254NPBF
4000 VGS = 0V, f = 1 MHZ Ciss = C + C , C gs gd ds SHORTED Crss = C gd Coss = C + Cgd ds
20
ID = 14A
VGS , Gate-to-Source Voltage (V)
16
3000
VDS = 200V VDS = 125V VDS = 50V
C, Capacitance(pF)
Ciss
2000
12
Coss
1000
8
Crss
4
0 1 10 100 1000
0
FOR TEST CIRCUIT SEE FIGURE 13
0 20 40 60 80 100
VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R DS(on)
TJ = 175 C
10
ID, Drain-to-Source Current (A)
100
10
100sec 1msec
1
TJ = 25 C
1 Tc = 25C Tj = 175C Single Pulse 1 10 100 10msec
0.1 0.2
V GS = 0 V
0.4 0.6 0.8 1.0 1.2
0.1
VSD ,Source-to-Drain Voltage (V)
1000
10000
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFP254NPBF
25
VDS
20
RD
VGS RG
D.U.T.
+
ID , Drain Current (A)
-VDD
15
V GS
Pulse Width 1 s Duty Factor 0.1 %
10
5
Fig 10a. Switching Time Test Circuit
VDS 90%
0
25
50
TC , Case Temperature ( C)
75
100
125
150
175
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50
0.20 0.1 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFP254NPBF
EAS , Single Pulse Avalanche Energy (mJ)
15V
600
TOP
500
VDS
L
DRIVER
BOTTOM
ID 5.6A 9.8A 14A
RG
VGS 20V
D.U.T
IAS tp
400
+ V - DD
A
0.01
300
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
200
100
0
25
50
75
100
125
150
175
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
VGS
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFP254NPBF
Peak Diode Recovery dv/dt Test Circuit
D.U.T*
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG VGS * dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ VDD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ISD ]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14. For N-channel HEXFET(R) power MOSFETs
www.irf.com
7
IRFP254NPBF
TO-247AC Package Outline
15.90 (.626) 15.30 (.602) -B3.65 (.143) 3.55 (.140) -A0.25 (.010) M D B M 5.50 (.217) 20.30 (.800) 19.70 (.775) 1 2 3 -C14.80 (.583) 14.20 (.559) 4.30 (.170) 3.70 (.145) 0.80 (.031) 3X 0.40 (.016) C AS 2.60 (.102) 2.20 (.087)
Dimensions are shown in millimeters (inches)
-D5.30 (.209) 4.70 (.185)
2.50 (.089) 1.50 (.059) 4
2X
5.50 (.217) 4.50 (.177)
NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH. 3 CONFORMS TO JEDEC OUTLINE TO-247-AC.
2.40 (.094) 2.00 (.079) 2X 5.45 (.215) 2X
1.40 (.056) 3X 1.00 (.039) 0.25 (.010) M 3.40 (.133) 3.00 (.118)
LEAD ASSIGNMENTS Hexfet IGBT 1 -LEAD ASSIGNMENTS Gate 1 - Gate 1 - GATE2 - Collector 2 - Drain 2 - DRAIN 3 - Source 3 - Emitter 3 - SOURCE 4 - Drain DRAIN - Collector 4 4-
TO-247AC Part Marking Information
EXAMPLE: T HIS IS AN IRFPE30 WIT H ASSEMBLY LOT CODE 5657 ASSEMBLED ON WW 35, 2000 IN THE AS SEMBLY LINE "H"
Note: "P" in assembly line position indicates "Lead-Free"
INT ERNATIONAL RECT IFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
IRFPE30
56 035H 57
DAT E CODE YEAR 0 = 2000 WEEK 35 LINE H
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 02/04
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFP254NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X